Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 109Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 110Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 111Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 112Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 113Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 114Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 115Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 116Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 113
PIC16C54A
PIC16C5X
FIGURE 14-3: CLKOUT AND I/O TIMING - PIC16C54A
TABLE 14-3:
CLKOUT AND I/O TIMING REQUIREMENTS - PIC16C54A
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
–20
°C ≤ TA ≤ +85°C (industrial - PIC16LV54A-02I)
–40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 14.1, Section 14.2 and
Section 14.3.
Parameter
No.
Sym
Characteristic
Min
Typ
(1)
Max
Units
10
TosH2ckL
OSC1
↑ to CLKOUT↓(2)
—
15
30**
ns
11
TosH2ckH
OSC1
↑ to CLKOUT↑(2)
—
15
30**
ns
12
TckR
CLKOUT rise time
(2)
—
5.0
15**
ns
13
TckF
CLKOUT fall time
(2)
—
5.0
15**
ns
14
TckL2ioV
CLKOUT
↓ to Port out valid(2)
—
—
40**
ns
15
TioV2ckH
Port in valid before CLKOUT
↑(2)
0.25 TCY
+30*
—
—
ns
16
TckH2ioI
Port in hold after CLKOUT
↑(2)
0*
—
—
ns
17
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid(3)
—
—
100*
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port input invalid
(I/O in hold time)
TBD
—
—
ns
19
TioV2osH
Port input valid to OSC1
↑
(I/O in setup time)
TBD
—
—
ns
20
TioR
Port output rise time
(3)
—
10
25**
ns
21
TioF
Port output fall time
(3)
—
10
25**
ns
*
These parameters are characterized but not tested.
** These parameters are design targets and are not tested. No characterization data available at this time.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
2:
Measurements are taken in RC Mode where CLKOUT output is 4 x TOSC.
3:
See Figure 14-1 for loading conditions.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
18
15
11
12
16
Old Value
New Value
Note: All tests must be done with specified capacitive loads (see data sheet) 50 pF on I/O pins and CLKOUT.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com