Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 196Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 197Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 198Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 199Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 200Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 201Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 202Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 203Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 217 page
background image
PIC16C5X
DS30453B-page 200
Preliminary
© 1998 Microchip Technology Inc.
Package Type:
K04-072 20-Lead Plastic Shrink Small Outine (SS) – 5.30 mm
MIN
p
Pitch
Mold Draft Angle Bottom
Mold Draft Angle Top
Lower Lead Width
Radius Centerline
Gull Wing Radius
Shoulder Radius
Outside Dimension
Molded Package Width
Molded Package Length
Shoulder Height
Overall Pack. Height
Lead Thickness
Foot Angle
Foot Length
Standoff
Number of Pins
β
α
c
φ
A2
A1
A
n
E1
B†
L1
R2
L
R1
E‡
D‡
Dimension Limits
Units
0.65
0.026
8
0
0
5
510
10
0.012
0.007
0.005
0.020
0.005
0.005
0.306
0.208
0.283
0.005
0.036
0.073
20
0.301
0
0.010
0.005
0.000
0.015
0.005
0.005
0.205
0.278
0.002
0.026
0.068
0.311
0.015
0.009
0.010
0.025
0.010
0.010
48
0.212
0.289
0.008
0.046
0.078
0
05
510
10
7.65
0.25
0.13
0.00
0.38
0.13
0.13
0
5.20
7.07
0.05
0.66
1.73
7.90
7.78
4
0.32
0.18
0.13
0.13
0.51
0.13
0.38
0.22
0.25
0.25
0.64
0.25
5.29
7.20
0.13
20
1.86
0.91
5.38
7.33
0.21
1.99
1.17
NOM
INCHES
MAX
NOM
MILLIMETERS*
MIN
MAX
n
1
2
R1
R2
D
p
B
E1
E
L1
L
c
β
φ
α
A1
A
A2
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com