Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 202 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 202 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 198Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 199Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 200Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 201Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 202Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 203Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 204Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 205Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 217 page
background image
PIC16C5X
DS30453B-page 202
Preliminary
© 1998 Microchip Technology Inc.
Package Type:
K04-010 18-Lead Ceramic Dual In-line with Window (JW) – 300 mil
* Controlling Parameter.
n
2
1
R
MIN
Window Length
Window Width
Overall Row Spacing
Radius to Radius Width
Package Width
Package Length
Tip to Seating Plane
Base to Seating Plane
Top of Lead to Seating Plane
Top to Seating Plane
Lead Thickness
Shoulder Radius
Upper Lead Width
Lower Lead Width
Number of Pins
PCB Row Spacing
Dimension Limits
Pitch
Units
eB
W2
W1
L
E
E1
D
A1
A2
A
B
c
R
B1
n
p
0.15
7.24
7.87
0.76
3.33
4.83
0.30
0.38
1.52
0.53
2.59
0.200
0.140
0.385
0.270
0.298
0.900
0.138
0.023
0.111
0.183
0.190
0.130
0.345
0.125
0.255
0.285
0.880
0.015
0.091
0.175
0.210
0.150
0.425
0.150
0.285
0.310
0.920
0.030
0.131
0.190
0.010
0.013
0.055
0.019
0.100
0.300
NOM
0.016
0.008
0.010
0.050
0.098
INCHES*
MAX
18
0.021
0.012
0.015
0.060
0.102
22.86
0.19
0.13
8.76
6.48
7.24
22.35
3.18
0.00
2.31
4.45
0.2
0.14
9.78
10.80
0.21
3.49
6.86
7.56
0.57
2.82
4.64
3.81
23.37
NOM
MILLIMETERS
MIN
0.20
0.25
1.27
0.41
2.49
MAX
0.47
0.25
0.32
1.40
2.54
18
7.62
D
W2
E
W1
c
eB
E1
p
L
A1
B
B1
A
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com