Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AXP173 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 13/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
7.管脚定义(Pin Description)
Num
Name
Type
Condition
Function Description
IO
Host Control
Mode
TWSI Data Signal,pull high to 3.3V IO Power through an
2.2K Resistor
1
SDA/
N_HOLDEN
I
Stand Alone
Mode
N_HOLDEN: GND-Hold enable; High-not hold
2
SCK
I
TWSI Clock Signal,pull high to 3.3V IO Power through an
2.2K Resistor
3
PWROK
O
Power good indication
4
N_VBUSEN
I
VBUS to IPSOUT Selection
GND:IPSOUT select VBUS
High:IPSOUT do not select VBUS
5
VIN2
PI
DCDC2 input source
6
LX2
IO
Inductor Pin for DCDC2
7
PGND2
G
NMOS Ground for DCDC2
8
DCDC2
I
DC-DC2 feedback pin
9
LDO3
O
Output Pin of LDO3
10
LDO2
O
Output Pin of LDO2
11
LDOIN
PI
Input to LDO2 and LDO3
12
LDO4
I
Output Pin of LDO4
13
APS
PI
Internal Power Input
14
PWRON
I
Power On-Off key input,Internal 100k pull high to APS
15
BIAS
IO
External 200Kohm 1% resistor
16
VREF
O
Internal reference voltage
17
VINT
PO
Internal logic power, 2.5V
18
LDO1
O
LDO1 output,for Host RTC block
19
VBUS
PI
USB VBUS input
20
ACIN
PI
Adapter input
21,22
BAT
IO
Main Battery
23
CHGLED
O
charger status indication
24
TS
I
Battery Temperature sensor input or an external ADC input
25,26
IPSOUT
PO
System power source
27
EXTEN
O
External power module enable
28
VIN1
PI
DCDC1 input source
29
LX1
IO
Inductor Pin for DCDC1
30
PGND1
G
NMOS Ground for DCDC1
31
DCDC1
I
DCDC1 feedback pin
32
IRQ/
O
Host Control
IRQ output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com