Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AXP173 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 24/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
工作在
Host Control模式下时,此管脚作为中断状态信号,用于通知Host有中断产生;当工作在STAND
ALONE模式下时,其作为充电允许/禁止信号,其作用同寄存器REG33H[7]相反。
9.6 多路电源输出(Multi-Power Outputs)
AXP173 的提供的多路输出电压及功能列表如下:
输出通路
类型
默认电压
应用举例
驱动能力
DCDC1
BUCK
可设置
3.3V I/O
1200 mA
DCDC2
BUCK
可设置
1.25Vcore
1600 mA
LDO1
LDO
可设置
RTC
30 mA
LDO2
LDO
可设置
Analog/FM
200 mA
LDO3
LDO
可设置
1.8V HDMI
200 mA
LDO4
LDO
可设置
2.5Vddr
500 mA
AXP173 包含 2 路同步降压型 DC-DC、4 路 LDO、多种启动时序及控制方式。DC-DC 的工作频率默
认为
1.5MHz,可以通过设置寄存器来调整,外围可使用小型电感和电容元件。2 个 DC-DC 都可以设置
成
PWM 模式或自动模式(由 AXP173 根据负载的大小自动切换),参见“寄存器 REG80H”。
DC-DC1/2/LDO4
DCDC1/LDO4 输出电压范围为 0.7-3.5V,DCDC2 输出电压为 0.7-2.275V,可由寄存器设置(参见“寄
存器
REG23H 26H 27H 29H”)。
DCDC1/2 输出电容推荐使用 10uF X7R 以上小 ESR 陶瓷电容;当输出电压设置为 2.5V 以上时,推
荐使用
2.2uH 电感,在 2.5V 以下时,推荐使用 4.7uH 电感,其中电感饱和电流需大于此电源通路最大需
求电流的
50%以上。
如下是推荐电感电容列表
:
电感
型号
电流规格
直流内阻
Murata LQH55PN2R2NR0
2100mA@2.2uH
30mOhm
Murata LQH55PN4R7NR0
1400mA@4.7uH
60mOhm
Murata LQH44PN2R2MP0
2000mA@2.2uH
49mOhm
Murata LQH44PN4R7MP0
1700mA@2.2uH
80mOhm
TDK VLF5010ST-2R2M2R3
2700mA@2.2uH
41mOhm
TDK VLF5014ST-4R7M1R7
1700mA@4.7uH
98mOhm
TDK SLF6045T-4R7N2R4-3PF
2400mA@4.7uH
27mOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com