Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AXP173 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 31/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
0:VBUS 不存在;1:VBUS 存在
4
指示
VBUS 是否可用
R
3
指示
VBUS 接入在使用之前是否大于 VHOLD
R
2
指示电池电流方向
0:电池在放电;1:电池被充电
R
1
指示
ACIN 和 VBUS 输入是否在 PCB 被短接
R
0
指示启动源是否为
ACIN 或 VBUS
0:启动源为 ACIN/VBUS; 1:启动源非 ACIN/VBUS
R
REG 01H: 电源工作模式以及充电状态指示
Bit
描述
R/W
7
指示
AXP173 是否过温
0:未过温; 1:过温
R
6
充电指示
0:未充电或充电已完成; 1:正在充电
R
5
电池存在状态指示
0:无电池连接到 AXP173; 1:电池已经连接到 AXP173
R
4
保留
R
3
指示电池是否进入激活模式
0:未进入电池激活模式; 1:已进入电池激活模式
R
2
指示充电电流是否小于期望电流
0:实际充电电流等于期望电流; 1:实际充电电流小于期望电流
R
1-0
保留
R
REG 04H: USB OTG VBUS 状态指示
Bit
描述
R/W
7-3
保留
2
指示
VBUS 是否有效,1 表示有效
R
1
指示
VBUS Session A/B 是否有效,1 表示有效
R
0
指示
Session End 状态,1 表示有效
R
REG 06-0BH: 数据缓存
注
:只要外部电源、电池某一路电源存在,此四个字节的数据就会一直保存,不受开关机影响。默认值
F0/0F/00/FF/00/00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com