Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AXP173 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 20/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
AXP173 可以设置两级低电警告电压 VWARNING 和自动关机电压 VOFF,并将 APS 与其比较。一旦发现
APS 低于 VWARNING,就发出 IRQ19。如果 APS 低于 VOFF,AXP173 自动进入关机模式,关闭除 LDO1 之
外的所有输出。
VWARNING 和 VOFF 默认值分别可在寄存器 REG3AH、REG3BH 和 REG31H Bit[2:0]设置。
过压保护
当外部电源电压超过
6.3V 时,APX19x 发出 IRQ1/4,提示外部电源过压。当外部电源超过 7V,AXP173
自动关机。
9.4 自适应充电器(Adaptive Charger)
AXP173 集成了一个恒流/恒压充电器,可以自动控制充电周期,内置的安全时钟可以自动停止充电
而无需处理器的干预。此充电器可以根据系统的功耗自动调整充电电流,还带有电池检测、涓流充电和
激活功能,内置的温度检测电路可以在温度过高或过低时自动减小充电电流。
自适应充电过程的启动
充电器默认处于使能状态
(可以通过设置寄存器来关闭,参见“寄存器 REG33H”)。当外部电源接入
后,
AXP173 首先判断外部电源是否可用于充电,当符合外部电源可用的条件,且此时充电功能被打开,
则
AXP173 自动开始充电过程,向 Host 发出 IRQ,表示充电过程开始。同时,CHGLED 管脚输出低电平,
可以驱动外部发光二极管指示充电状态。
充电过程电压电流示意图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com