Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AXP173 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 33/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
REG 25H: DC-DC2 动态电压调节参数设置
默认值
:00H
Bit
描述
R/W
默认值
7-3
保留
2
DC-DC2 VRC 使能控制
0:打开; 1:关闭
RW
0
1
保留
0
DC-DC2 VRC 电压上升斜率控制
0: 25mV/15.625us=1.6mV/us
1: 25mV/31.250us=0.8mV/us
RW
0
REG 26H: DC-DC1 输出电压设置
默认值
:68H
Bit
描述
R/W
默认值
7
保留
6
DC-DC1 输出电压设置 Bit6
RW
X
5
DC-DC1 输出电压设置 Bit5
RW
X
4
DC-DC1 输出电压设置 Bit4
RW
X
3
DC-DC1 输出电压设置 Bit3
RW
X
2
DC-DC1 输出电压设置 Bit2
RW
X
1
DC-DC1 输出电压设置 Bit1
RW
X
0
DC-DC1 输出电压设置 Bit0
0.7-3.5V, 25mV/step
RW
X
REG 27H: LDO4 输出电压设置
默认值
:48H
Bit
描述
R/W
默认值
7
保留
6
LDO4 输出电压设置 Bit6
RW
X
5
LDO4 输出电压设置 Bit5
RW
X
4
LDO4 输出电压设置 Bit4
RW
X
3
LDO4 输出电压设置 Bit3
RW
X
2
LDO4 输出电压设置 Bit2
RW
X
1
LDO4 输出电压设置 Bit1
RW
X
0
LDO4 输出电压设置 Bit0
0.7-3.5V, 25mV/step
RW
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com