Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AXP173 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 23/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
NTC
TS
BAT
C2
10uF
GND
在上图中,
VTH/VTL分别为高温和低温的门限设置,可分别通过寄存器REG38H/39H/3CH/3DH设置,
VTE=0.2V。建议温敏电阻选用25℃时为10Kohm、精度1%的NTC温敏电阻。AXP173将在TS管脚上送出
恒定电流,此电流可设置为
20uA、40uA、60uA、80uA四种(参见寄存器REG84H),以适应不同的NTC电
阻。此电流流过温敏电阻,得到一个检测电压,
AXP173通过ADC测出电压值并与设置值进行比较,从而
发出相应的
IRQ或是暂停充电。
如果温敏电阻阻值过大或过小,可以在其通路上并联或是串联上额外的电阻,以便扩大其检测范围。
如果电池没有温敏电阻,可以把
TS 管脚接到地,此时 AXP173 自动禁止电池温度监测功能。
电池检测
AXP173 会自动检测电池是否存在,并在寄存器中标识(参见寄存器 REG01H)和发出 IRQ13、IRQ14。
电池检测功能可由
Host 控制打开或者关闭(参见寄存器 REG32H)。
9.5 不同工作模式管脚功能区别(Mode Difference)
SDA/N_VHOLDEN
工作在
Host Control模式下时,此管脚作为TWSI 数据信号;当工作在STAND ALONE模式下时,其
作为
VHOLD是否有效的USB限压模式选择信号,其作用同寄存器REG30H[6]相反。
IRQ/N_CHGEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com