Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AXP173 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 26/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
9.8 信号采集系统(Signal Capture)
一般的电池电量监测器通常是通过测量电池电压来估算电池电量,而
AXP173 的多路 12Bit ADC 除
了可以测量电池电压之外,还可以测量电池电流和外部电源电压、电流,同时内部集成了电池充放电库
仑计。
Host 可以根据这些数据更为准确的计算出电池电量,除此之外,还可以计算出系统的实时功耗、
电池剩余电量、电池充电进度、电池剩余使用时间及剩余充满时间等丰富的电源信息。
各路
ADC 的使能控制和采样速度可以通过寄存器 REG82H、83H、84H 来设置,采样结果存储在相
应的寄存器中,参见寄存器说明之
ADC 数据类。电池电流方向是充电还是放电由寄存器 REG00H[2]来指
示。
Channel
000H
STEP
FFFH
Battery Voltage
0mV
1.1mV
4.5045V
Bat discharge current
0mA
0.5mA
4.095A
Bat charge current
0mA
0.5mA
4.095A
ACIN volatge
0mV
1.7mV
6.9615V
ACIN current
0mA
0.625mA
2.5594A
VBUS voltage
0mV
1.7mV
6.9615V
VBUS current
0mA
0.375mA
1.5356A
Internal temperature
-144.7℃
0.1℃
264.8℃
APS voltage
0mV
1.4mV
5.733V
TS pin input
0mV
0.8mV
3.276V
9.9 定时器(Timer)
AXP173 包含一个内部定时器,通过设置寄存器 REG8AH[6:0]可改变计时器值,其最低分辨率为分
钟
(Minute),计时器超时后将置位 REG8AH[7]。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com