Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AXP173 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 38/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
REG 3DH: VHTF-discharge 电池放电高温门限设置
默认值
:16H
Bit
描述
R/W
默认值
7-0
放电时电池高温门限设置,
N
N*10H,当 N=16H,对应 0.282V;可对
应电压
0V~3.264V
RW
16H
VLTF-discharge = N *10H * 0.0008V
REG 80H: DC-DC 工作模式选择
默认值
:E0H
Bit
描述
R/W
默认值
7-4
保留
3
DC-DC1 工作模式控制
RW
0
2
DC-DC2 工作模式控制
0:PFM/PWM 自动切换
1:固定 PWM
RW
0
1-0
保留
REG 82H: ADC 使能 1
默认值
:83H
Bit
描述
R/W
默认值
7
电池电压
ADC 使能
RW
1
6
电池电流
ADC 使能
RW
0
5
ACIN 电压 ADC 使能
RW
0
4
ACIN 电流 ADC 使能
RW
0
3
VBUS 电压 ADC 使能
RW
0
2
VBUS 电流 ADC 使能
RW
0
1
APS 电压 ADC 使能
RW
1
0
TS 管脚 ADC 功能使能
0:关闭, 1:打开
RW
1
REG 83H: ADC 使能 2
默认值
:80H
Bit
描述
R/W
默认值
7
AXP173 内部温度监测 ADC 使能
0:关闭, 1:打开
RW
1
6-0
保留



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com