Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 2Page - ON Semiconductor KAF-8300 Datasheet HTML 3Page - ON Semiconductor KAF-8300 Datasheet HTML 4Page - ON Semiconductor KAF-8300 Datasheet HTML 5Page - ON Semiconductor KAF-8300 Datasheet HTML 6Page - ON Semiconductor KAF-8300 Datasheet HTML 7Page - ON Semiconductor KAF-8300 Datasheet HTML 8Page - ON Semiconductor KAF-8300 Datasheet HTML 9Page - ON Semiconductor KAF-8300 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
KAF−8300
www.onsemi.com
6
Figure 4. Output Architecture (Left of Right)
HCCD
Charge
Transfer
Source
Follower
#1
Source
Follower
#2
Source
Follower
#3
Floating
Diffusion
H2
VDD
VOUT
H1
H1L
OG
RG
RD
VSS
Output Load
Figure 5. Recommended Output Structure Load Diagram
Buffered Video Output
2N3904 or Equivalent
0.1
mF
680
W
130
W
VOUT
VDD = 15 V
IOUT = | 5.4 mA |
NOTE: Component values may be revised based on operating conditions and other design considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com