Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 14 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 10Page - ON Semiconductor KAF-8300 Datasheet HTML 11Page - ON Semiconductor KAF-8300 Datasheet HTML 12Page - ON Semiconductor KAF-8300 Datasheet HTML 13Page - ON Semiconductor KAF-8300 Datasheet HTML 14Page - ON Semiconductor KAF-8300 Datasheet HTML 15Page - ON Semiconductor KAF-8300 Datasheet HTML 16Page - ON Semiconductor KAF-8300 Datasheet HTML 17Page - ON Semiconductor KAF-8300 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
KAF−8300
www.onsemi.com
14
Table 8. SPECIFICATIONS (continued)
Description
Notes
Maximum
Number
Allowed
Threshold
Definition
Symbol
MONOCHROME DEVICES
Point Defect,
Dark Reference
DR_BPnts
Bright Point in the Dark Reference Region
7.5 mV
0
5
Dim Points, Dark Field
BPnt333_13
Dark Field, Minor, Long Integration Time, tINT = 1/3 s
13 mV
32,500
Total Points
Bright and
Dark Points
BPnt33_7 + Bfld_Pnt_D + Bfld_Pnt_B
−
800
Cluster Defect
Total_Clst
A Cluster is a Group of 2 or 10 Adjacent Defective
Dark or Bright Points
−
6
Perpendicular Pattern
Defect
Total_Perp
Dark Field Very Long Exposure Bright Cluster where
9 or more Adjacent Point Defects Exist, Very Long
Integration Time, tINT = 1 s
3.04 mV
0
Column Defect,
Bright Field
Bfld_Col_D
Bfld_Col_B
A Column which Deviates above or below
Neighboring Columns under Illuminated Conditions
(> 300 mV Signal) greater that the Threshold
1.5%
1.5%
0
Column Defect,
Dark Field
Dfld_Col2
Dfld_Col4
Lo_Col_B
Lo_Col_D
Lo_Col_B1
Lo_Col_D1
A Column which Deviates above or below
Neighboring Columns under Non-Illuminated or Low
Light Level Conditions (~10 mV) greater than the
Threshold
1 mV
1 mV
1 mV
1 mV
1 mV
1 mV
0
5
5
5
5
Row Defect
Dfld_Row
Row Defect if Row Average Deviates above
Threshold
1 mV
0
LOD Bright Col, Dark
Dfld_LodCol
Defines Functionality and Uniform Efficiency of LOD
Structure
1.5 mV
0
1. This parameter is only a quality metric and these points will not be considered for cluster and point criteria.
2. For the color version of this device, the green pixels in a red row (GR) are considered a different color plane than the green pixels in a blue
row (GB). For monochrome version the entire active area is treated as a single color plane.
3. Operating temperature = 60
°C.
4. As the gradient threshold is defined as 8.5 mV maximum across a 16
× 16 pixel region about each pixel.
5. Operating temperature = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com