Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 27 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 20Page - ON Semiconductor KAF-8300 Datasheet HTML 21Page - ON Semiconductor KAF-8300 Datasheet HTML 22Page - ON Semiconductor KAF-8300 Datasheet HTML 23Page - ON Semiconductor KAF-8300 Datasheet HTML 24Page - ON Semiconductor KAF-8300 Datasheet HTML 25Page - ON Semiconductor KAF-8300 Datasheet HTML 26Page - ON Semiconductor KAF-8300 Datasheet HTML 27Page - ON Semiconductor KAF-8300 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
KAF−8300
www.onsemi.com
27
Cover Glass
Clear Cover Glass, AR Coated (Both Sides) − Specification
1. Scratch and Dig: 10 micron max
2. Substrate Material Schott D263T Eco or Equivalent
3. Multilayer Anti-Reflective Coating
Table 19.
Wavelength
Total Reflectance
420−450
≤ 2%
450−630
≤ 1%
630−680
≤ 2%
Clear Cover Glass − Specification
1. Scratch and Dig: 10 micron max
2. Substrate Material Schott D263T Eco or Equivalent
Figure 22. Clear Cover Glass Transmission (Typical)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
300
350
400
450
500
550
600
650
700
750
800
850
900
Wavelength (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com