Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 16 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 12Page - ON Semiconductor KAF-8300 Datasheet HTML 13Page - ON Semiconductor KAF-8300 Datasheet HTML 14Page - ON Semiconductor KAF-8300 Datasheet HTML 15Page - ON Semiconductor KAF-8300 Datasheet HTML 16Page - ON Semiconductor KAF-8300 Datasheet HTML 17Page - ON Semiconductor KAF-8300 Datasheet HTML 18Page - ON Semiconductor KAF-8300 Datasheet HTML 19Page - ON Semiconductor KAF-8300 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
KAF−8300
www.onsemi.com
16
AC Operating Conditions
Table 11. CLOCK LEVELS
Description
Symbol
Level
Min.
Nom.
Max.
Unit
Effective
Capacitance
Notes
V1 Low Level
V1L
Low
−9.5
−9.25
−9.0
V
76 nF
1
V1 High Level
V1H
High
2.4
2.6
2.85
V
1
V2 Low Level
V2L
Low
−9.5
−9.25
−9.0
V
81 nF
1
V2 High Level
V2H
High
2.4
2.6
2.8
V
1
RG, H1, H2, Amplitude
RGAMP
H1AMP
H2AMP
Amplitude
5.5
6.0
6.5
V
RG = 7 pF
H1 = 224 pF
H2 = 168 pF
1
H1L, Amplitude
H1LAMP
Amplitude
7.5
8.0
8.5
V
7 pF
1
H1 Low Level
H1LOW
Low
−4.7
−4.5
−4.3
V
1
H1L Low Level
H1LLOW
Low
−6.7
−6.5
−6.3
V
H2 Low Level
H2LOW
Low
−5.2
−5.0
−4.8
V
RG Low Level
RGLOW
Low
1.8
2.0
2.2
V
1
1. All pins draw less than 10
mA DC current. Capacitance values relative to SUB (substrate).
Table 12. CLOCK VOLTAGE DETAIL CHARACTERISTICS
Description
Symbol
Min.
Nom.
Max.
Unit
Notes
V1 High-Level Variation
V1HH
−
0.50
1.0
V
High-Level Coupling
V2 High-Level Variation
V2HL
−
0.28
1.0
V
High-Level Coupling
V2 Low-Level Variation
V2LH
−
0.46
1.0
V
Low-Level Coupling
V1 Low-Level Variation
V1LL
−
0.14
1.0
V
Low-Level Coupling
V1−V2 Cross-Over
V1CR
−2.0
−0.5
1.0
V
Referenced to Ground
H1 High-Level Variation
H1HH
−
0.30
1.0
V
H1 High-Level Variation
H1HL
−
0.07
1.0
V
H1 Low-Level Variation
H1LH
−
0.16
1.0
V
H1 Low-Level Variation
H1LL
−
0.25
1.0
V
H2 High-Level Variation
H2HH
−
0.40
1.0
V
H2 High-Level Variation
H2HL
−
0.06
1.0
V
H2 Low-Level Variation
H2LH
−
0.10
1.0
V
H2 Low-Level Variation
H2LL
−
0.27
1.0
V
H1−H2 Cross-Over
H1CR1
−3.0
−1.23
0
V
Rising Side of H1
H1−H2 Cross-Over
H1CR2
−3.0
−0.59
0
V
Falling Side of H1
H1L High-Lever Variation
H1LHH
−
0.64
1.0
V
H1L High-Lever Variation
H1LHL
−
0.32
1.0
V
H1L Low-Lever Variation
H1LLH
−
0.27
1.0
V
H1L Low-Lever Variation
H1LLL
−
0.23
1.0
V
H1L−H2 Cross-Over
H1LCR1
−1.0
−
−3.0
V
Rising Side of H1L
RG High-Level Variation
RGHH
−
0.19
1.0
V
RG High-Level Variation
RGHL
−
0.20
1.0
V
RG Low-Level Variation
RGLH
−
0.11
1.0
V
RG Low-Level Variation
RGLL
−
0.30
1.0
V
1. H1, H2 clock frequency: 28 MHz. The maximum and minimum values in this table are supplied for reference. The actual clock levels were
measured using the KAF−8300 Evaluation Board. Testing against the device performance specifications is performed using the nominal
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com