Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 24 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 20Page - ON Semiconductor KAF-8300 Datasheet HTML 21Page - ON Semiconductor KAF-8300 Datasheet HTML 22Page - ON Semiconductor KAF-8300 Datasheet HTML 23Page - ON Semiconductor KAF-8300 Datasheet HTML 24Page - ON Semiconductor KAF-8300 Datasheet HTML 25Page - ON Semiconductor KAF-8300 Datasheet HTML 26Page - ON Semiconductor KAF-8300 Datasheet HTML 27Page - ON Semiconductor KAF-8300 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
KAF−8300
www.onsemi.com
24
MECHANICAL INFORMATION
Visual Mechanical Specifications
Table 16. LASER MARK
Item
Description
Device Name
KAF−8300CE, KAF−8300XE, KAF−8300−AXC (Multiple versions available).
See Ordering Information section of this document.
Serial Number
nnn −a numeric field containing a maximum of three characters denoting a unique unit identifier for a device
from the before mentioned production lot. The start of the sequence starts with “1”. “001” is not a valid
marking.
NOTE: All markings shall be readable, consistent in size with no unusual debris left on the package.
Table 17. ASSEMBLY/PACKAGE INTEGRITY
Criteria
Description
Cracks
None allowed.
Corner and Edge
Chip-Outs
None − exceeding 0.020
″ (0.50 mm).
Chip-Outs Exposing
Buried Metal Traces
None allowed.
Chip-Outs, Other
None allowed deeper than 50% of the ceramic layer thickness in which it resides.
Scratches
None − that exceed 0.020
″ (0.50 mm) in the major dimension and are deeper than 50% of the ceramic layer
thickness in which it resides.
Lead Conditions
No bent, missing, damaged, or short leads. No lead cut-off burrs exceeding 0.005
″ (0.13 mm) in the
dimension away from the lead.
Internal Appearance
and Die Condition
Local Non-Uniformity: Local Non-Uniformity region (LNU) is allowed whose size is not greater than 200
mm2
within the effective image area. Inspection equipment for these steps are performed using a microscope
7−50X and direct lighting (ring-light). LNU is described as a spot or streak that tends to change from light to
dark in appearance as the operator rotates the part under angled lighting conditions. These non-uniformities
are not visible or very hard to see under direct lighting. They tend to disappear or become much less visible
under higher magnification.
Conditions Other than LNU: No scratches, digs, contamination, marks, or blemishes that is attached to the
die that touches 9 or more pixels in the effective image area. No loose contamination allowed when viewed
at 7X and 50X magnification. No scratches, digs, contamination, marks, or blemishes greater than 10
mm are
allowed on the bottom side of the cover glass region that is contained in or extends into the effective image
area. Tools used to verify are 7X and 50X magnification.
Table 18. GLASS
Criteria
Description
Tilt
The reject condition is when the glass is incorrectly seated on the package or is not parallel to glass seal
area. (“parallel” is defined as 0.25 mm maximum end to end).
Seal
Glass seal must be greater than 50% of the width of the epoxy bond line and must not extend over the
ceramic package.
Alignment
There are 4 “+” fiducials on the corners the die that must not be covered by the epoxy light shield.
The 4 “+” marks must be in total view when the lid is placed looking directly down on the device with
a microscope. All 4 “+” alignment marks are required to be visible in their entirety with a zero clearance
tolerance.
Chips
None allowed.
Appearance
No fogged cover allowed.
Contamination
No immobile scratches, digs, contamination, marks, or blemishes are allowed on the cover glass region that
is contained in or extends into the effective image area. Within the effective image area, the limit for such
conditions is 10
mm or less. This criterion pertains to either the top or the bottom glass surface. Tools used to
verify are 7X and 50X magnification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com