Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 18 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 14Page - ON Semiconductor KAF-8300 Datasheet HTML 15Page - ON Semiconductor KAF-8300 Datasheet HTML 16Page - ON Semiconductor KAF-8300 Datasheet HTML 17Page - ON Semiconductor KAF-8300 Datasheet HTML 18Page - ON Semiconductor KAF-8300 Datasheet HTML 19Page - ON Semiconductor KAF-8300 Datasheet HTML 20Page - ON Semiconductor KAF-8300 Datasheet HTML 21Page - ON Semiconductor KAF-8300 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
KAF−8300
www.onsemi.com
18
TIMING
Table 14. REQUIREMENTS AND CHARACTERISTICS
Description
Symbol
Minimum
Nominal
Maximum
Unit
Notes
H1, H2 Clock Frequency
fH
−
−
28
MHz
1, 2
V1, V2 Clock Frequency
fV
−
−
125
kHz
2
Pixel Period (1 Count)
te
35.7
−
−
ns
2
H1, H2 Set-up Time
tHS
1
−
−
ms
H1L−VOUT Delay
tHV
0
3
−
ns
RG−VOUT Delay
tRV
0
1
−
ns
Readout Time
tREADOUT
340.2
−
−
ms
4, 5
Integration Time
tINT
−
−
−
3, 4
Line Time
tLINE
132.2
−
−
ms
4
Flush Time
tFLUSH
21.23
−
−
ms
6
1. 50% duty cycle values.
2. CTE will degrade above the nominal frequency.
3. Integration time is user specified.
4. Longer times will degrade noise performance.
5. tREADOUT = tLINE ⋅ 2574 lines.
6. See Figure 19 for a detailed description.
Table 15. CLOCK SWITCHING CHARACTERISTICS
Description
Symbol
Min.
Nom.
Max.
Unit
Notes
V1 Rise Time
tV1r
−
0.26
1
ms
3
V2 Rise Time
tV2r
−
0.55
1
ms
3
V1 Fall Time
tV1f
−
0.43
1
ms
3
V2 Fall Time
tV2f
−
0.31
1
ms
3
V1 Pulse Width
tV1w
5.0
−
−
ms
4, 5
V2 Pulse Width
tV2w
3.0
−
−
ms
4, 5
H1 Rise Time
tH1r
−
9.0
10
ns
3
H2 Rise Time
tH2r
−
6.9
10
ns
3
H1 Fall Time
tH1f
−
5.8
10
ns
3
H2 Fall Time
tH2r
−
5.4
10
ns
3
H1−H2 Pulse Width
tH1w, tH2w
14
18
22
ns
H1L Rise Time
tH1Lr
−
1.8
4
ns
3
H1L Fall Time
tH1Lf
−
2.5
4
ns
3
H1L Pulse Width
tH1Lw
14
19
22
ns
RG Rise Time
tRGr
−
2.0
4
ns
3
RG Fall Time
tRGf
−
2.2
4
ns
3
RG Pulse Width
tRGw
−
6.7
−
ns
2
1. H1, H2 clock frequency: 28 MHz. The maximum and minimum values in this table are supplied for reference. The actual clock timing was
measured using the KAF−8300 Evaluation Board. Testing against the device performance specifications is performed using the nominal
values.
2. RG should be clocked continuously.
3. Relative to the pulse width (based on 50% of high/low levels).
4. CTE
5. Longer times will degrade noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com