Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 4Page - ON Semiconductor KAF-8300 Datasheet HTML 5Page - ON Semiconductor KAF-8300 Datasheet HTML 6Page - ON Semiconductor KAF-8300 Datasheet HTML 7Page - ON Semiconductor KAF-8300 Datasheet HTML 8Page - ON Semiconductor KAF-8300 Datasheet HTML 9Page - ON Semiconductor KAF-8300 Datasheet HTML 10Page - ON Semiconductor KAF-8300 Datasheet HTML 11Page - ON Semiconductor KAF-8300 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
KAF−8300
www.onsemi.com
8
IMAGING PERFORMANCE
Table 5. TYPICAL OPERATIONAL CONDITIONS
Description
Condition − Unless otherwise Noted
Notes
Readout Time (tREADOUT)
370.36 ms
Includes tVoverclock & tHoverclock
Integration Time (tINT)
33 ms
Horizontal Clock Frequency
28 MHz
Light Source (LED)
Red, Green, Blue, Orange
Mode
Flush − Integrate − Readout Cycle
Table 6. SPECIFICATIONS
Description
Symbol
Min.
Nom.
Max.
Unit
Notes
Verification
Plan
ALL DEVICES
Minimum Column
MinColumn
575
−
−
mV
1, 4
Die18
Linear Saturation Signal
Ne-SAT
25.5
−
−
ke-
1, 3, 4
Design19
Charge to Voltage Conversion
Q−V
22.5
23.0
−
mV/e-
Design19
Linearity Error
LeLow10
LeLow33
LeHigh
−10
−10
−10
−
−
−
10
10
10
%
2, 5, 6
2, 5, 6
2, 4, 5
Die18
Dark Signal (Active Area Pixels)
AA_DarkSig
−
−
200
e-/s
4, 8
Die18
Dark Signal (Dark Reference Pixels)
DR_DarkSig
−
−
200
e-/s
4, 8
Die18
Readout Cycle Dark Signal
Dark_Read
−
−
15
mV/s
Die18
Flush Cycle Dark Signal
Dark_Flush
−
43
90
mV/s
Die18
Dark Signal Non-Uniformity
DSNU
DSNU_Step
DSNU_H
−
−
−
1.30
0.14
0.40
3.0
0.5
1.0
mV p-p
4, 9
Die18
Dark Signal Doubling Temperature
DT
−
5.8
−
°C
Design19
Dark Reference Difference,
Active Area
DarkStep
−3.5
0.15
3.5
mV
4
Die18
Total Noise
Dfld_noi
−
−
1.08
mV
4, 10
Die18
Total Sensor Noise
N
−
16
−
e- rms
19
Design19
Linear Dynamic Range
DR
−
64.4
−
dB
11
Design19
Horizontal Charge Transfer
Efficiency
HCTE
0.999990
0.999995
−
%
4, 13, 21
Die18
Vertical Charge Transfer Efficiency
VCTE
0.999997
0.999999
−
%
4, 21
Die18
Blooming Protection
X_b
1,000
−
−
x ESAT
14
Design19
Vertical Bloom on Transfer
VBloomF
−20
−
20
mV
4
Die18
Horizontal Crosstalk
H_Xtalk
−20
−
20
mV
4
Die18
Horizontal Overclock Noise
Hoclk_noi
0
−
1.08
mV
4
Die18
Output Amplifier Bandwidth
f−3dB
88
−
159
MHz
4, 6, 16
Die18
Output Impedance, Amplifier
ROUT
100
−
180
W
6
Die18
Hclk Feedthru
VHFT
−
−
70
mV
4, 17
Die18
Reset Feedthru
VRFT
500
710
1,000
mV
Design19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com