Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 7 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 3Page - ON Semiconductor KAF-8300 Datasheet HTML 4Page - ON Semiconductor KAF-8300 Datasheet HTML 5Page - ON Semiconductor KAF-8300 Datasheet HTML 6Page - ON Semiconductor KAF-8300 Datasheet HTML 7Page - ON Semiconductor KAF-8300 Datasheet HTML 8Page - ON Semiconductor KAF-8300 Datasheet HTML 9Page - ON Semiconductor KAF-8300 Datasheet HTML 10Page - ON Semiconductor KAF-8300 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
KAF−8300
www.onsemi.com
7
Physical Description
Pin Description and Device Orientation
Figure 6. Pinout Diagram
SUB
OG
RG
RD
RD
VSS
VOUT
VDD
SUB
H1L
N/C
SUB
H1
H1
H2
H2
N/C
LODT
V1
V2
V2
SUB
N/C
V2
V2
V1
V1
SUB
N/C
N/C
LODB
1
16
32
17
Pin 1 Indicator
V1
231
330
429
528
627
726
825
924
10
23
11
22
12
21
13
20
14
19
15
18
Table 4. PIN DESCRIPTION
Pin
Name
Description
1
SUB
Substrate
2
OG
Output Gate
3
RG
Reset Gate
4
RD
Reset Drain Bias
5
RD
Reset Drain Bias
6
VSS
Output Amplifier Return
7
VOUT
Output
8
VDD
Output Amplifier Supply
9
SUB
Substrate
10
H1L
Horizontal Phase 1, Last Gate
11
N/C
No Connection
12
SUB
Substrate
13
H1
Horizontal Phase 1
14
H1
Horizontal Phase 1
15
H2
Horizontal Phase 2
16
H2
Horizontal Phase 2
Pin
Name
Description
17
LODB
Lateral Overflow Drain Bottom
18
N/C
No Connection
19
N/C
No Connection
20
SUB
Substrate
21
V1
Vertical Phase 1
22
V1
Vertical Phase 1
23
V2
Vertical Phase 2
24
V2
Vertical Phase 2
25
N/C
No Connection
26
SUB
Substrate
27
V2
Vertical Phase 2
28
V2
Vertical Phase 2
29
V1
Vertical Phase 1
30
V1
Vertical Phase 1
31
LODT
Lateral Overflow Drain Top
32
N/C
No Connection
1. Wherever possible, all N/C pins (11, 18, 19, 25, 32) should be connected to GND (0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com