Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAF-8300 Datasheet(PDF) 10 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 6Page - ON Semiconductor KAF-8300 Datasheet HTML 7Page - ON Semiconductor KAF-8300 Datasheet HTML 8Page - ON Semiconductor KAF-8300 Datasheet HTML 9Page - ON Semiconductor KAF-8300 Datasheet HTML 10Page - ON Semiconductor KAF-8300 Datasheet HTML 11Page - ON Semiconductor KAF-8300 Datasheet HTML 12Page - ON Semiconductor KAF-8300 Datasheet HTML 13Page - ON Semiconductor KAF-8300 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
KAF−8300
www.onsemi.com
10
Table 6. SPECIFICATIONS (continued)
Description
Verification
Plan
Notes
Unit
Max.
Nom.
Min.
Symbol
MONOCHROME DEVICES
Sensitivity − Monochrome
Resp
465
−
655
mV
Die18
Quantum Efficiency
Microlens, Clear Glass (540 nm)
Microlens, No Glass (540 nm)
Microlens, AR Glass (540 nm)
No Microlens, Clear G. (560 nm)
QE
−
−
−
−
54
60
56
37
−
−
−
−
%
Design19
1. Increasing output load currents to improve bandwidth will decrease these values.
2. Specified from 12
°C to 60°C.
3. Saturation signal level achieved while meeting Le specification. Specified from 0
°C to 40°C.
4. Operating temperature = 60
°C.
5. Worst case deviation, (from 10 mV to VSAT min), relative to a linear fit applied between 0 and 500 mV exposure.
6. Operating temperature = 25
°C.
7. Peak to peak non-uniformity test based on an average of 185
× 185 blocks.
8. Average non-illuminated signal with respect to over clocked horizontal register signal.
9. Absolute difference between the maximum and minimum average signal levels of 185
× 185 blocks within the sensor.
10. Dark rms deviation of a multi-sampled pixel as measured using the KAF−8300 Evaluation Board.
11. 20Log (VSAT / N).
12. Gradual variations in hue (red with respect to green pixels and blue with respect to green pixels) in regions of interest of 185
× 185 blocks.
13. Measured per transfer at 80% of VSAT.
14. ESAT equals the exposure required to achieve saturation. X_b represents the number of ESAT exposures the sensor can tolerate before
failure. X_b characterized at 25
°C.
15. Video level DC offset with respect to ground at clamp position. Refer to Figure 17.
16. Last stage only. CLOAD = 10 pF. Then f−3dB = (1 / (2p ⋅ ROUT ⋅ CLOAD)).
17. Amount of artificial signal due to H1 coupling.
18. A parameter that is measured on every sensor during production testing.
19. A parameter that is quantified during the design verification activity.
20. Calculated value subtracting the noise contribution from the KAF−8300 Evaluation Board.
21. Process optimization has effectively eliminated vertical striations.
22. CTE = 1 − CTI. Where CTE is charge transfer efficiency and CTI is charge transfer inefficiency. CTI is the measured value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com