Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6780AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
DC Characteristics 1
VDD = 4.0 to 5.5V, VSS = 0V, Ta = 25°C
DC Characteristics 2
VDD = 4.0 to 5.5V, VSS = 0V, Ta = 0 to 85°C unless otherwise noted
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
−0.3 to 7.0
V
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
0 to 85
°C
Power dissipation
PD
150
mW
Parameter
Symbol
Condition
Rating
Variation
Unit
Maximum temperature voltage
VMXT
VTEMP ≤ VMXT charge cutoff
0.225VDD
±5%
V
High-temperature sense
voltage
VHTS
VHTS ≤ VTEMP ≤ VLTS charge start
0.25VDD
±5%
V
Low-temperature sense voltage
VLTS
VTEMP > VLTS charge prohibition
0.4VDD
±5%
V
Maximum battery voltage
VMXV
VBATT > VMXV charge cutoff or
prohibition
2.0
±5%
V
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
VDD supply voltage
VDD
4.0
5.0
5.5
V
BATT input voltage
VBATT
0–
VDD
V
TEMP input voltage
VTEMP
Disabled when VTEMP < 0.5V
0.5
–
VDD
V
INH HIGH-level input voltage
VIH1
0.7
–
–
V
INH LOW-level input voltage
VIL1
–
–
0.1
V
TIME HIGH-level input voltage
VIH2
VDD − 0.5
–
–
V
TIME MID-level input voltage
VIM
(VDD/2) − 0.5
–
(VDD/2) + 0.5
V
TIME LOW-level input voltage
VIL2
–
–
0.5
V
BATT
−∆V detection voltage range
VDET
1–2
V
LEDN output pulse frequency
fLED
–1–
Hz
BATT standby voltage
VSTB
VDD − 1.5
–
VDD − 0.5
V
VDD current consumption
IDD
VDD = 5V, no load
–
–
0.5
mA
VDD standby current
ISTB
VDD = 5V, VBATT = VDD, no load
–
–
1
µA
LEDN, CHGN sink current
IOL
VOL = VSS + 0.8V
10
–
–
mA
INH, TIME input leakage current
IL
VINH = VTIME = VSS to VDD
––
±1
µA
LEDN, CHGN output leakage
current
IOZ
−5–
–
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com