Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—9
Charging Flow Diagram
Supply applied
Standby mode released
LED ON
Battery check
(maximum battery voltage: VBATT
≥ 2V)
and
(battery temperature: 0.225VDD
≤ VTEMP ≤ 0.4VDD)
continuously battery check operation
Maximum quick charge time count start
Initial timer (5 minutes) count start
− ∆V detection disabled
∆T/∆t detection enabled
Quick charge mode
LEDN = LOW (ON)
CHGN = High impedance
Maximum supplemental charge time count start
Supplemental mode
LEDN = High impedance (OFF)
CHGN = pulse
Charging terminates
Pulse trickle mode charging
LEDN = High impedance (OFF)
CHGN = pulse
OK
− ∆V detection
or
∆T/∆t detection
or
maximum charge time passed
Battery check not OK
or
maximum charging time passed
Battery out-of-range
Pulse trickle mode charging
LEDN = pulse (flashing)
CHGN = pulse
Battery check not OK
Battery check OK
Maximum battery voltage:
VBATT
≥ 2V
and
battery temperature:
0.25VDD
≤ VTEMP ≤ 0.4VDD
Not OK
Maximum charging time passed



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com