Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6780AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Ni-Cd/Ni-MH Battery Charger IC
OVERVIEW
The SM6780AS is a quick charge control IC for Nickel-Cadmium (Ni-Cd) and Nickel Metal Hydride (Ni-MH)
rechargeable batteries. It supports quick charge, supplemental and pulse trickle charging modes. The charging
mode is selected automatically in response to the battery voltage, temperature and charging time.
The quick charge uses either negative delta voltage detection (
−∆V), temperature detection (∆T/∆t), or charg-
ing time cutoff to control the charging process. In addition, the quick charge mode can be placed on hold, if the
battery voltage or battery temperature are abnormal, until normal conditions are restored.
The SM6780AS requires few external components to realize a high-stability quick charge battery charger.
FEATURES
s
Ni-Cd/Ni-MH battery quick charge control
s
−∆V, ∆T/∆t, and maximum charge time cutoffs
s
3 charge modes (quick charge, supplemental,
pulse trickle charge)
s
3 selectable charge times (80, 120, and 240 min-
utes)
s
Charge condition LED indicator output (on,
pulsed, off)
s
Low power dissipation mode
s
4.0 to 5.5V operating supply voltage
s
300sec (typ)
−∆V detection invalid time
s
8mV (typ)
−∆V detection accuracy
s
25mV/min (typ)
∆T/∆t detection accuracy
s
8-pin SOP package
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM6780AS
8-pin SOP
TIME
CHGN
INH
VDD
TEMP
LEDN
BATT
VSS
5.2 0.3
0.4 0.1
0.15 + 0.1
− 0.05
0 to 10
0.695typ
1.27
0.12 M
0.10


Similar Part No. - SM6780AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6781 NPC-SM6781 Datasheet
101Kb / 10P
Ni-MH/Ni-Cd Battery Charger IC
SM6781BV NPC-SM6781BV Datasheet
101Kb / 10P
Ni-MH/Ni-Cd Battery Charger IC
More results

Similar Description - SM6780AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6781BV NPC-SM6781BV Datasheet
101Kb / 10P
Ni-MH/Ni-Cd Battery Charger IC
logo
National Semiconductor ...
LM3647 NSC-LM3647 Datasheet
272Kb / 17P
Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
logo
RICOH electronics devic...
R5440N201A RICOH-R5440N201A Datasheet
146Kb / 16P
Ni-Cd/Ni-MH Batteries Charger Protector Ics
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
Ni-MH
CP300H ETC2-CP300H Datasheet
90Kb / 1P
Rechargeable Ni-MH Button
V20HR ETC2-V20HR Datasheet
52Kb / 1P
Ni-MH
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
Shenzhen Huazhimei Semi...
HM4058A HMSEMI-HM4058A Datasheet
568Kb / 7P
USB Ni-Cd/Ni-MH rechargeable IC
HM4058C HMSEMI-HM4058C Datasheet
1Mb / 5P
USB Ni-Cd/Ni-MH rechargeable IC
HM4058B HMSEMI-HM4058B Datasheet
465Kb / 6P
USB Ni-Cd/Ni-MH charge management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com