Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM6780AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
Description
1
TIME
Charge time select 3-level input.
HIGH: 240 minutes, MID (VDD/2): 120 minutes, LOW: 80 minutes
2
LEDN
Charge indicator LED driver output.
Open-drain output. LOW-level output in quick charge mode. 1Hz pulse output when abnormal battery voltage or
temperature is detected during quick charge mode. High impedance output in supplemental and trickle charge
modes.
3BATT
Battery voltage detector input.
Connect a high-impedance resistor voltage divider between the poles of the battery for voltage detection.
4
VSS
Ground
5
TEMP
Battery temperature thermistor sensor voltage input
6
VDD
Supply
7
INH
Charge inhibit input.
Charging is stopped when HIGH. Charging resumes with the same charge parameters in force prior to the stop
when INH goes LOW again.
8
CHGN
Charger control output.
Open-drain output. Battery charging current flows when CHGN is high impedance. Charge current stops when
LOW. High-impedance output in quick charge mode, and pulse output in supplemental and trickle charge
modes.
Reference
Regulators
TEMP
Maximum
Cell-voltage Check
Input Select
Temp Check
BATT
OSC
A/D
−∆V
Function
Block
∆V/∆t
Function
Block
Timer Mode
Selector
Timing Control
Logic
Charge Control
Logic
CHG Driver
LED Driver
CHGN
VSS
LEDN
INH
VDD
VDD
VDD
TIME
VDD
DC
Input
Current
Source
NTC
Battery
Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com