Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM6780AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—6
Charging Modes
The SM6780AS has 3 modes of operation: quick
charge, supplemental charge, and pulse trickle mode.
The SM6780AS uses the various detection functions
to monitor the state of the battery and select the
charging mode automatically.
In quick charge mode, charging occurs at a rate set
by the external current source. In supplemental
charge mode, the battery is charged by current pulses
to the full stable capacity of the chemical substances
within the battery. Pulse trickle mode maintains the
level within the battery, compensating for internal
losses.
Quick (Supplemental) Charge Conditions — Battery Check
The SM6780AS monitors the battery voltage and
battery temperature to confirm the values are within
the rated range of the battery during quick charge
and supplemental charging modes to realize a high-
stability battery charger.
If the battery voltage or battery temperature charging
rating is exceeded before quick charging mode ter-
minates, the charging mode is placed on hold. The
internal timer continues to operate, and pulse trickle
charging occurs. The LEDN output pulses at a rate of
approximately 1Hz. If the charging rating is
exceeded during supplemental charging mode, the
mode terminates and charging switches to pulse
trickle mode.
Figure 5. Charging mode, battery voltage and charging current
Supplemental
charge mode
Pulse trickle
mode
Quick charge mode
Quick charge
mode end
Start
Charge
complete
Hi-Z
Low
High-temperature quick charge hold state: VTEMP < VMXT (0.225 × VDD)
High-temperature quick charge hold release state: VTEMP > VHTS (0.25 × VDD)
Figure 6. Quick (supplemental) charge ranges
Maximum temperature
Voltage (0.225
× VDD)
VTEMP
VBATT
Pulse trickle
mode
Quick charge
mode
Quick charge
start
Pulse trickle
mode
Quick charge
mode
Power ON
High temperature sense
Voltage (0.25
× VDD)
Low temperature sense
Voltage (0.4
× VDD)
Quick charge
is suspended
Quick charge
restart
2.0V
0V
Maximum cell
Voltage
Charge
valid range
Charge
valid range



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com