Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—8
Maximum Charging Time (TIME)
The SM6780AS supports 3 different maximum
charging time settings, in quick charge and supple-
mental charge modes, which can be selected on the
3-level input TIME (HIGH, MID, LOW). HIGH
level is achieved by pull-up, LOW level by pull-
down, and MID level by a high-resistance voltage
divider arrangement to set the voltage at VDD/2. The
voltage level on TIME should only be switched in
standby mode.
VDD = 5V, Ta = 25°C
Quick (Supplemental) Charge Inhibit (INH)
When INH goes HIGH, quick charge mode or sup-
plemental charge mode operation stops. While INH
is HIGH, the internal timer stops and pulse trickle
charging occurs. When INH goes LOW, the charging
mode is restored to the previously active mode and
the internal timer restarts.
Standby Mode
When the BATT input voltage is
≥ V
STB, the
SM6780AS is in standby mode. In this mode, the
internal timer is reset, and the LEDN and CHGN
outputs become high impedance. Standby mode is
released when the voltage applied to BATT falls
below VSTB.
TIME voltage level
Quick charge/supplemental charge time (minutes)
min
typ
max
HIGH
192
240
288
MID
96
120
144
LOW
648096



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com