Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—7
−∆V Invalid Time
Generally, the battery voltage becomes unstable just
after quick charging starts, so the
−∆V battery volt-
age detection is disabled for 5 minutes to avoid error
in battery voltage detection. However, the
∆T/∆t
temperature detection function continues to operate.
After the
−∆V detection is enabled, both detection
functions operate.
−∆V Detection (BATT)
After Ni-Cd and Ni-MH batteries are fully charged
in quick charge mode, the battery voltage begins to
drop after reaching a peak value. The SM6780AS
monitors the delta voltage (
−∆V) to help determine
when the battery is fully charged. When the voltage
has fallen a minimum of 8mV (typ), the battery is
fully charged and quick charge mode terminates.
Note that
−∆V detection is disabled for 5 minutes
when quick charge mode is first started to avoid error
in battery voltage detection, as described in the pre-
vious section.
∆T/∆t Detection (TEMP)
When Ni-Cd and Ni-MH batteries are close to full
charge in quick charge mode, the temperature of the
battery begins to greatly increase. The SM6780AS
monitors the temperature change rate (
∆V/∆t) to help
determine when the battery is fully charged. When
the temperature voltage on TEMP decreases by a
minimum of 25mV (typ) within a 60-second interval,
the battery is considered to be fully charged and
quick charge mode terminates.
Note that the TEMP voltage decreases with increas-
ing temperature due to the negative temperature
coefficient of the thermistor.
Figure 7. Battery voltage change
8mV
− ∆V detect
Vpeak
Quick charge time
Figure 8. Battery temperature change
Quick charge time
Cell temperature
Cell voltage
Figure 9. VTEMP change
Quick charge time
Cell voltage
60s
25mV
VTEMP
∆t
∆T
∆T/∆t detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com