Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM6780AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—4
FUNCTIONAL DESCRIPTION
Charger Operation
The SM6780AS battery charger operation starts
when the power is applied or when standby mode is
released. The charging operation is determined by
the BATT and TEMP pin states, and the timer mode
selected.
After charging starts, the battery voltage and temper-
ature are monitored to check that they are within
quick charging rated ranges. If within rated range,
quick charge mode is selected. If outside rated range,
pulse trickle charge mode is selected.
Quick charge uses either negative delta voltage
detection (
−∆V), temperature detection (∆T/∆t), or
charging time cutoff to terminate the charging pro-
cess. The charging mode changes to supplemental
charge mode when quick charge mode is completed.
Supplemental mode terminates when the charging
time finishes or battery is full, and the charging mode
changes to pulse trickle mode.
Charging Rate
The charging rate is determined by the external
charger current source. If the quick charge mode
charging rate is considered as unity, then the supple-
mental charging rate is 1/16, and the pulse trickle
charging rate is 1/256. The charging rate for supple-
mental and pulse trickle modes are shown in figure 1.
The CHGN output is high impedance when the
charging current is flowing, and LOW when the cur-
rent stops.
Charging Status Indicator LED Control (LEDN)
The SM6780AS LEDN output can be used to drive a
charging status indicator LED.
The LED timing when power is applied or standby
mode is released is shown in figure 2.
In quick charge mode, the LEDN output is LOW and
the LED turns ON. If the battery temperature or bat-
tery voltage exceeds the charging rated ranges, the
LEDN output pulses at a frequency of 1Hz to indi-
cate battery out-of-range condition. In supplemental
and pulse trickle modes, the LEDN output is high
impedance and the LED turns OFF.
Figure 1. CHGN output (external charger control)
Hi-Z
Low
286
µs
73.1ms
4576
µs
Quick charge
mode
Supplemental
charge mode
Pulse trickle mode
Start
(power ON or battery insertion)
286
µs
Figure 2. LEDN output timing
Hi-Z
Low
LED OFF
Power ON or Standby mode cancel
LED ON
Approximately
1.5 s
Approximately
3.5 s
Depends on charge mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com