Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6780AS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM6780AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—5
Battery Voltage and Temperature Detection
The battery voltage detector input is BATT. The
charger treats the input voltage as the equivalent
voltage of a single cell. For multiple cells (connected
in series), a high-resistance (> 100k
Ω) battery
divider can be used to input the voltage equivalent of
a single cell, as shown in figure 3.
The battery temperature detector input is TEMP. The
input voltage is provided by a negative temperature
coefficient thermistor (NTC thermistor) located in
close proximity to the battery, as shown in figure 4.
The input voltage range is 0.5V to VDD.
Note that the thermistor temperature characteristics
are non-linear, so a correction resistance Rc should
be used for linearity correction. The temperature rat-
ing of resistances Rc and Rd should be chosen to
match the battery temperature range rating. If the
temperature detection function is not used, the
TEMP input should be fixed at a potential in the
range 0.25VDD to 0.4VDD.
Figure 3. BATT connection example
BATT pin
Battery
Rb
Ra
Rb
Ra
= N
− 1
N:Number of cells
Figure 4. TEMP connection example
TEMP pin
Battery
Rd
Rc



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com