Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button SPS-43-48H-CP-RDF Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 10Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 11Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
EEPROM Memory Map
Table 9 - I2C A0h Address
DEC
Addr.
HEX
Addr.
Field Size
(bytes)
Name
Default Value
Description
0
00
1
Identifier
03h
Module soldered to
motherboard
1
01
1
Extended Identifier
04h
Function defined by serial
ID
2
02
1
Connector
01h
SC Receptacle
3
03
8
Transceiver
000000 00 00 0000 00h
Transceiver Code Field, not
applicable
11
0B
1
Encoding
03h
NRZ encoding
12
0C
1
Nominal Bit Rate in 100
MBps
19h
2488.32 Mbps
13
0D
1
Reserved
00h
Reserved
14
0E
1
Length (9µ,km) in km
14h
20km
15
0F
1
Length (9µ,m) in 100m
C8h
20km
16
10
1
Length (50µ) in 10m
00h
Not Supported
17
11
1
Length (62.5µ) in 10m
00h
Not Supported
18
12
1
Length (Copper) in m
00h
Not Supported
19
13
1
Reserved
00h
Reserved
20
14
16
Vendor Name (ASCII)
"SOURCEPHOTONS"
Vendor Name (ASCII)
36
24
1
Reserved
00h
Reserved
37
25
3
Vender IEEE Company
ID
00 06 B5h
Source Photonics IEEE ID
40
28
16
Vendor Part Number
(ASCII)
"SPS4348HCPRDF"
Vendor Part Number
(ASCII)
56
38
4
Vendor Rev (ASCII)
31 20 20 20
Revision 01
60
3C
2
Laser Wavelength in nm
05 D2h
1490nm Tx Wavelength
62
3E
1
Reserved
00h
Reserved
63
3F
1
Check Code for Base ID
Fields
xxh
Checksum from byte 0‐62
64
40
2
Options
00 1Ch
TX_DIS, TX_Fault, SD
66
42
1
Upper Bit Rate Margin
in %
00h
BR, Max not specified
67
43
1
Lower Bit Rate Margin
in %
00h
BR, Min not specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com