Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPS-43-48H-CP-RDF Datasheet HTML 1Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 2Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
Table 6 – Receiver Specifications (Electrical)
Parameter
Minimum
Typical
Maximum
Unit
Notes
Differential Output Signal Amplitude
400
-
1600
mVpp
Data Output Rise Time
-
-
260
ps
20% to 80%
Data Output Fall Time
-
-
260
ps
20% to 80%
Signal Detect Output HIGH
2.4
-
Vcc
V
Signal Detect Output LOW
0
-
0.8
V
Table 7 – Digital RSSI Timing Specification
Parameter
Minimum
Typical
Maximum
Unit
Notes
RSSI Trigger Delaya
25
-
-
ns
RSSI Sampling Timea
300
-
-
ns
Internal I2C Delaya
-
-
500
us
Receiver Power DDM (RSSI) Errorb
-
-
+/- 3
dB
a)
RSSI_ACQ input signal rising edge will trigger RSSI sampling, and falling edge will trigger internal digital RSSI information written to I2C.
It is recommended that host shall not trigger RSSI_ACQ input again until RSSI data is valid in I2C from previous RSSI trigger.
b)
RSSI DDM working range is between -12 to -32 dBm. RSSI DDM accuracy is better than +/- 3dB for input power levels between -15 to -32
dBm, the accuracy reduces to +/- 5 dBm for -12 dBm to -15 dBm. If the data pattern is at least 2^7-1 or longer, a minimum average of 8
times is strongly recommended to maintain the RSSI reading accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com