Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button SPS-43-48H-CP-RDF Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 10Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 11Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 12Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
68
44
16
Vendor Serial Number
(ASCII)
"xxxxxxxxxxxxxxxx"
16 byte Serial number field
(ASCII)
84
54
8
Date Code
xxxxxxxx xxxx2020h
Year(2 bytes) month(2
bytes) day(2 bytes)
92
5C
1
Diagnostic Monitoring
Type
58h
Ext Calibration, Average
Power Measurement
93
5D
1
Enhanced Options
E0h
Optical Alarm/warning
implemented Soft TX_DIS,
TX_FAULT implemented
94
5E
1
SFF‐8472 Compliance
02h
Compliance to SFF‐8472
Rev 9.4
95
5F
1
Check Code for
Extended ID Fields
xxh
Checksum from byte 64‐69
96
60
26
Vendor Specific
“SPS‐43‐48H‐CP‐RDF”
SP Part Number
126
7E
2
Vendor Specific
00 00h
Reserved
128
80
128
Reserved
00….00h
Reserved; return to 0
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the related document of
SFF-8472 Rev 9.5.
Table 10 - I2C A2h Address
DEC
Addr.
HEX
Addr.
Field Size
(bytes)
Name
Default Value
Description
0
00
2
Temp High Alarm
5C 00h
92C
2
02
2
Temp Low Alarm
E2 00h
‐30C
4
04
2
Temp High Warning
57 00h
87C
6
06
2
Temp Low Warning
E7 00h
‐25C
808
2
Voltage High Alarm
8C A0h
3.6V
10
0A
2
Voltage Low Alarm
75 30h
3.0V
12
0C
2
Voltage High Warning
88 B8h
3.5V
14
0E
2
Voltage Low Warning
79 18h
3.1V
16
10
2
Bias High Alarm
D6 D8h
110mA
18
12
2
Bias Low Alarm
03 E8h
2mA
20
14
2
Bias High Warning
C3 50h
100mA
22
16
2
Bias Low Warning
05 DCh
3mA
24
18
2
TX Power High Alarm
DB AAh
+7.5 dBm
26
1A
2
TX Power Low Alarm
45 76h
+2.5dBm
28
1C
2
TX Power High Warning
C3 C6h
+7.0dBm
30
1E
2
TX Power Low Warning
4D F0h
+3.0dBm
32
20
2
RX Power High Alarm
FF FFh
No alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com