Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 10Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 11Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 12Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 13Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 14Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
116
74.7
1bit
Temperature too high
warning
x
Temperature too high warning
74.6
1bit
Temperature too low
warning
x
Temperature too low warning
74.5
1bit
VCC too high warning
x
VCC too high warning
74.4
1bit
VCC too low warning
x
VCC too low warning
74.3
1bit
BIASMON too high
warning
x
BIASMON too high warning
74.2
1bit
BIASMON too low
warning
x
BIASMON too low warning
74.1
1bit
BFMON too high warning
x
BFMON too high warning
74
1bit
BFMON too low warning
x
BFMON too low warning
117
75.7
1bit
RX Power High Warning
x
RSSI too high warning
75.6
1bit
RX Power Low Warning
x
RSSI too low warning
75.5
1bit
Reserved
0
Reserved
75.4
1bit
Reserved
0
Reserved
75.3
1bit
Reserved
0
Reserved
75.2
1bit
Reserved
0
Reserved
75.1
1bit
Reserved
0
Reserved
75
1bit
Reserved
0
Reserved
118
76
1
Reserved
00h
Interrupt Mask for ISRC2
119
77
1
Reserved
00h
Interrupt Mask for ISRC3
120
78
8
Vendor Specific
00 00 00 00
00 00 00 00h
Vendor Specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com