Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button SPS-43-48H-CP-RDF Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 10Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 11Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 12Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 13Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
34
22
2
RX Power Low Alarm
00 00h
No alarm
36
24
2
RX Power High Warning
FF FFh
No alarm
38
26
2
RX Power Low Warning
00 00h
No alarm
40
28
16
Reserved
00….000h
Reserved
56
38
4
RX_PWR(4) Calibration
00 00 00 00h
4th order RSSI calibration coefficient
60
3C
4
RX_PWR(3) Calibration
00 00 00 00h
3rd order RSSI calibration coefficient
64
40
4
RX_PWR(2) Calibration
00 00 00 00h
2nd order RSSI calibration coefficient
68
44
4
RX_PWR(1) Calibration
3E 80 00 00h
1st order RSSI calibration coefficient
72
48
4
RX_PWR(0) Calibration
00 00 00 00h
0th order RSSI calibration coefficient
76
4C
2
TX_I(Slope) Calibration
01 00h
Slope for Bias calibration
78
4E
2
TX_I(Offset) Calibration
00 00h
Offset for Bias calibration
80
50
2
TX_PWR(Slope)
Calibration
01 00h
Slope for TX Power calibration
82
52
2
TX_PWR(Offset)
Calibration
00 00h
Offset for TX Power calibration
84
54
2
T(Slope) Calibration
01 00h
Slope for Temperature calibration
86
56
2
T(Offset) Calibration
00 00h
Offset for Temperature calibration, in
units of 256ths C
88
58
2
V(Slope) Calibration
01 00h
Slope for VCC calibration
90
5A
2
V(Offset) Calibration
00 00h
Offset for VCC calibration
92
5C
3
Reserved
00 00 00h
reserved
95
5F
1
Checksum
xxh
Checksum
96
60
2
Transceiver Temperature
xx xxh
Temperature in C/256
98
62
2
Supply Voltage
xx xxh
Vcc
100
64
2
TX Bias Current
xx xxh
BIASMON
102
66
2
TX Optical Output Power
xx xxh
Back facet monitor
104
68
2
RX Optical Input Power
xx xxh
RSSI
106
6A
2
Reserved
0000h
Reserved
108
6C
2
Reserved
0000h
Reserved
110
6E.7
1bit
TX_DIS State
x
Digital state of the TX Disable Input
Pin.
6E.6
1bit
Soft TX Disable
x
Read/write bit that allows software
disable of laser.
6E.5
1bit
Reserved.
0
Reserved.
6E.4
1bit
Rate Select State
0
NOT SUPPORTED.
6E.3
1bit
Rate Select
0
NOT SUPPORTED.
6E.2
1bit
TX_FAULT
x
Digital state of the TX Fault Output Pin.
6E.1
1bit
LOS
0
Digital state of the LOS Output Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com