Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPS-43-48H-CP-RDF Datasheet HTML 1Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 2Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
General Parameters
Table 1 – General Operating Parameters
Parameter
Minimum
Typical
Maximum
Unit/Conditions
Operating Voltage, Vcc
3.135
3.3
3.465
V
Total Current, Icc
-
-
550
mA
Operating Temperature (case)
-20
-
85
°C
Storage Temperature
-40
-
85
°C
Table 2 – General Optical Parameters
Parameter
Minimum
Typical
Maximum
Unit/Conditions
Back Reflection at 1490 nm
-
-
-20
dB
Back Reflection at 1310 nm
-
-
-20
dB
1490 nm to 1310 nm Crosstalk
-
-
-45
dB
Features
• Class C+ GPON OLT transceiver
• Small Form Factor Pluggable, Simple SC Connector
• 2488 Mbps downstream Tx/1244 Mbps upstream Rx
• Fully ITU-T G.984.2 compliant
• High Power 1490nm DFB transmitter (+3 dBm)
• High Sensitivity Burst Mode 1310 nm APD receiver (-30 dBm)
• Fast Burst Mode Digital acquire RSSI (300nS sampling time)
• -20 to 85°C case temperature operation
• Single 3.3V supply
• 20 km reach
• RoHS-6 compliant (lead exemption)


Similar Part No. - SPS-43-48H-CP-RDF

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-43-48H-CP-CDF-SD SOURCE-SPS-43-48H-CP-CDF-SD Datasheet
278Kb / 13P
Small Form Factor Pluggable, Simple SC Connector
More results

Similar Description - SPS-43-48H-CP-RDF

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Source Photonics, Inc.
SPS-43-48H-CP-CDF-SD SOURCE-SPS-43-48H-CP-CDF-SD Datasheet
278Kb / 13P
Small Form Factor Pluggable, Simple SC Connector
SPS-43-48H-HP-CDE-SD SOURCE-SPS-43-48H-HP-CDE-SD Datasheet
297Kb / 13P
Small Form Factor Pluggable, Simple SC Connector
logo
TE Connectivity Ltd
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
114-13219 TEC-114-13219 Datasheet
1Mb / 10P
Stacked Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
Small Form- Factor Pluggable (SFP) Seating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com