Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 10Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 11Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 12Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 13Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 14Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
NOT SUPPORTED
6E.0
1bit
Data_ready_bar
x
Indicates transceiver has achieved
power up and data is ready.
111
6F.7
1bit
Reserved
0
Reserved
6F.6
1bit
Reserved
0
Reserved
6F.5
1bit
Reserved
0
Reserved
6F.4
1bit
Reserved
0
Reserved
6F.3
1bit
Reserved
0
Reserved
6F.2
1bit
INTERRUPT_NOT
x
Interrupt state (active low)
6F.1
1bit
MODE_EN
0
TX FAULT pin enable
6F.0
1bit
APD_SHUTDOWN
x
APD shut‐down latch. Write 0 to clear
condition
112
70.7
1bit
Temperature too high
alarm
x
Temperature too high alarm
70.6
1bit
Temperature too low
alarm
x
Temperature too low alarm
70.5
1bit
VCC too high alarm
x
VCC too high alarm
70.4
1bit
VCC too low alarm
x
VCC too low alarm
70.3
1bit
BIASMON too high alarm
x
BIASMON too high alarm
70.2
1bit
BIASMON too low alarm
x
BIASMON too low alarm
70.1
1bit
BFMON too high alarm
x
BFMON too high alarm
70
1bit
BFMON too low alarm
x
BFMON too low alarm
113
71.7
1bit
RSSI too high alarm
x
RSSI too high alarm
71.6
1bit
RSSI too low alarm
x
RSSI too low alarm
71.5
1bit
Reserved interrupt status
bit
x
Reserved interrupt status bit
71.4
1bit
Reserved interrupt status
bit
x
Reserved interrupt status bit
71.3
1bit
Reserved interrupt status
bit
x
Reserved interrupt status bit
71.2
1bit
Reserved interrupt status
bit
x
Reserved interrupt status bit
71.1
1bit
Reserved interrupt status
bit
xTX Fail went HIGH
71
1bit
Reserved interrupt status
bit
x
APD Shutdown event detected
114
72
1
Reserved
00h
Interrupt Mask for ISRC0
115
73
1
Reserved
00h
Interrupt Mask for ISRC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com