Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SPS-43-48H-CP-RDF Datasheet HTML 1Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 2Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
Pin Definitions
Refer to Table for a description of the function of each I/O pin.
Table 8 - Module Pin Definitions
Pin Number
Label
Definition
1
Veet
Tx Ground
2
Tx_Fail
(Tx_Fault)
Tx Fail Alarm. LVTTL Output Active High
3
Tx_DIS
Tx Disable. LVTTL input. Laser output is disabled when this pin is asserted high or left
unconnected. Laser output is enabled when this pin is asserted low.
4
MOD_DEF (2)
2-Wire Serial Data I/O Pin.
5
MOD_DEF (1)
2-Wire Serial Clock Input.
6
MOD_DEF (0)
Internally Grounded
7
Reset
CMOS input. Assert “Reset” high at the end of previous burst, 2 bytes in duration
8
BRST_Det
LVTTL output. BRST_Det assert low when module receives “reset” signal, assert high
when incoming burst is present.
9
RSSI_ACQ
RSSI acquire/hold LVTTL Input. Digital RSSI output through I2C
10
Veer
Rx Ground
11
Veer
Rx Ground
12
RXD-
Negative Data Output, LVPECL; DC coupled
13
RXD+
Positive Data Output, LVPECL; DC coupled
14
Veer
Rx Ground
15
Vcc_Rx
Rx Vcc
16
Vcc_Tx
Tx Vcc
17
Veet
Tx Ground
18
TXD+
Positive Data Input, LVPECL or CML (AC coupled; internally 100 ohms differential
termination)
19
TXD-
Negative Data Input, LVPECLor CML (AC coupled; internally 100 ohms differential
termination)
20
Veet
Tx Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com