Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-43-48H-CP-RDF Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPS-43-48H-CP-RDF
Description  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPS-43-48H-CP-RDF Datasheet HTML 1Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 2Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
Functional Characteristics
The following tables list the performance specifications for the various functional blocks of the integrated optical transceiver module.
Table 3 – Transmitter Specifications (Optical)
Parameter
Minimum
Typical
Maximum
Unit
Notes
Average Optical Output Power, P0
3
-
7.0
dBm
Output PoweratTransmitOff
-
-
-40
dBm
Extinction Ratiob
8.2
-
-
dB
PRBS 223-1, NRZ, 50% duty cycle
Transmitter Output Eye
G.984.2 Figure 2
Optical Rise and Fall Time
-
-
160
ps
20% to 80%
Center Wavelength, λ
1480
1490
1500
nm
-20 dB Spectral Width
-
-
1
nm
Side Mode Suppression Ratio (SMSR)
30
-
-
dB
Bit Rate
-
2488
-
Mbps
Tolerance to TX Back Reflection
-15
-
-
dB
1 dB degradation of Rx sensitivity
Optical Path Penalty
-
-
1.5
dB
Over 60km fiber with dispersion value of
900ps/nm.
Table 4 – Transmitter Specifications (Electrical)
Parameter
Minimum
Typical
Maximum
Unit
Notes
Input Differential Impedance
80
100
120
Ω
Single Ended Data Input Swing
200
-
2400
mV
Tx Disable (LVTTL)
2
-
Vcc
V
Tx Enable (LVTTL)
0
-
0.8
V
TX_Fail_High
2.4
-
Vcc
V
TX_Fail_Normal
0
-
0.4
V
Table 5 – Receiver Specifications (Optical)
Parameter
Minimum
Typical
Maximum
Unit
Notes
Operational Wavelength Range
1260
1310
1360
nm
Data Rate (burst mode)
-
1244
-
Mbps
Receiver Burst-Mode Sensitivity
-30
-
-
dBm
At 10-10 BER, PRBS 223-1
Receiver Overload
-12
-
-
dBm
Receiver Burst Mode Dynamic Range
15
20
-
dB
Damage Threshold for Receiver
+5
-
-
dBm
Maximum Reflectance of Receiver
-
-
-20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com