Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 8 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 8 Page - ams AG

Back Button AS1345 Datasheet HTML 4Page - ams AG AS1345 Datasheet HTML 5Page - ams AG AS1345 Datasheet HTML 6Page - ams AG AS1345 Datasheet HTML 7Page - ams AG AS1345 Datasheet HTML 8Page - ams AG AS1345 Datasheet HTML 9Page - ams AG AS1345 Datasheet HTML 10Page - ams AG AS1345 Datasheet HTML 11Page - ams AG AS1345 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AS1345 – 8
ams Datasheet, Confidential: 2013-Nov [1-51]
E l ec t r i c al C h a r ac teri sti c s
Operating Current
ISHDN
Shutdown current @ VDD
VSHDNN = 0V
1
μA
Shutdown current @ SWIN
1
IQ
Quiescent current
No switching, VFB = 1.5V
25
μA
IDDLOAD
Load current
VOUT = 15V, ILOAD = 5mA
25
mA
ILIMIT
Coil peak current limit
AS1345A
100
mA
AS1345B
200
mA
AS1345C
350
mA
AS1345D
500
mA
Switches
RNMOS
NMOS resistance
0.3
Ω
RPMOS
PMOS resistance
0.15
Ω
POK Output
POK output voltage ‘low’
POK sinking 1mA
0.01
0.2
V
POK output voltage ‘high’
POK leakage 1μA
VDD
VDD
- 0.1
V
POK output high leakage
current
POK = 3.7V
1
μA
POK threshold
Rising edge, referenced to
VOUT(NOM)
90
%
Shutdown
VSHDNH
SHDN input ‘high’
2.9V < VDD < 5.0V, no load
1.26
V
VSHDNL
SHDN input ‘low’
0.55
V
ISHDN
SHDN input current
-1
+1
μA
Soft Start
IPRE
Pre-charge current
100
mA
Thermal Shutdown
Thermal shutdown
150
°C
Thermal shutdown hysteresis
10
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com