Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 18 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 18 Page - ams AG

Back Button AS1345 Datasheet HTML 14Page - ams AG AS1345 Datasheet HTML 15Page - ams AG AS1345 Datasheet HTML 16Page - ams AG AS1345 Datasheet HTML 17Page - ams AG AS1345 Datasheet HTML 18Page - ams AG AS1345 Datasheet HTML 19Page - ams AG AS1345 Datasheet HTML 20Page - ams AG AS1345 Datasheet HTML 21Page - ams AG AS1345 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AS1345 – 18
ams Datasheet, Confidential: 2013-Nov [1-51]
De tail ed De sc rip t ion
Power OK Operation
If desired the POK functionality can be used. In this case a
resistor R1 (~100k) has to be applied between the POK pin and
VIN, because the POK output is an open drain type. If the POK
functionality is not used the pin should be unconnected.
During shut-down the POK pin is high impedance to save
current. Therefore it shows VIN if connected to VIN with a
resistor or is floating otherwise. During start-up the POK goes
to LOW. During normal operation it is usually HIGH but it goes
to LOW if for some reason VOUT drops below 90% of the
nominal output voltage.
Thermal Shutdown
To prevent the AS1345 from short-term misuse and overload
conditions the chip includes a thermal overload protection. To
block the normal operation mode all switches will be turned
off. The device is in thermal shutdown when the junction
temperature exceeds 150°C typ. To resume the normal
operation the temperature has to drop below 140°C typ. A good
thermal path should be provided to dissipate the heat
generated within the package, especially at higher output
power. To dissipate as much heat as possible from the package
into a copper plane with as much area as possible, it’s
recommended to use multiple vias in the printed circuit board.
Continuing operation in thermal overload conditions may
damage the device, and therefore, is considered a bad practice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com