Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 5 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 5 Page - ams AG

  AS1345 Datasheet HTML 1Page - ams AG AS1345 Datasheet HTML 2Page - ams AG AS1345 Datasheet HTML 3Page - ams AG AS1345 Datasheet HTML 4Page - ams AG AS1345 Datasheet HTML 5Page - ams AG AS1345 Datasheet HTML 6Page - ams AG AS1345 Datasheet HTML 7Page - ams AG AS1345 Datasheet HTML 8Page - ams AG AS1345 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 5
P i n A ssig n men t s
6B3
SWOUT
Shutdown Disconnect Switch Out. Output pin of the internal
P-channel MOSFET. Connect to power inductor and decouple to GND
with a 10μF low ESR ceramic capacitor.
When the input disconnect feature is not desired, SWOUT should be
connected to SWIN and VDD.
7B2
LX
Inductor. The drain of the internal N-channel MOSFET. Connect to
power inductor and to anode of a schottky diode.
8
B1
GND
Ground
Pin Number
Pin Name
Description
TDFN
WLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com