Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 1 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 1 Page - ams AG

  AS1345 Datasheet HTML 1Page - ams AG AS1345 Datasheet HTML 2Page - ams AG AS1345 Datasheet HTML 3Page - ams AG AS1345 Datasheet HTML 4Page - ams AG AS1345 Datasheet HTML 5Page - ams AG AS1345 Datasheet HTML 6Page - ams AG AS1345 Datasheet HTML 7Page - ams AG AS1345 Datasheet HTML 8Page - ams AG AS1345 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 1
AS1345
18V, High Efficiency, DC-DC Step-Up
Converter
The AS1345 high efficiency DC-DC step-up converter contains
an internal N-channel and an internal P-channel output
isolation switch.
The device operates from a 2.9V to 5.0V supply and can boost
voltages up to 18V.
A hysteretic control scheme is used to provide the highest
operating efficiency over a wide range of input and output load
conditions. The internal MOSFET switches reduce the external
component count and a high switching frequency allows the
use of tiny surface mount components.
The AS1345 employ a factory set current limit to reduce ripple
and external component size in low output current
applications. With a 500mA current limit the AS1345 is capable
of providing 20mA @ 18V output.
Figure 1:
Available Products
For order related information, please refer to “Ordering &
Contact Information” on page 26.
Built-in safety features protect the internal switches and output
components from fault conditions. Additional power-saving
attributes include a very low quiescent current and a true
shutdown mode.
For further understanding in regards to the contents of the
datasheet, please refer to the Reference Guide located at the end
of the document.
Devices
Peak Coil Current
Output
AS1345A
100mA
adjustable or fixed
AS1345B
200mA
adjustable or fixed
AS1345C
350mA
adjustable or fixed
AS1345D
500mA
adjustable or fixed
General Description


Similar Part No. - AS1345

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
logo
ams-OSRAM AG
AS1340 AMSOSRAM-AS1340 Datasheet
792Kb / 18P
50V, Micropower, DC-DC Boost Converter
Revision 1.20
logo
ams AG
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
More results

Similar Description - AS1345

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com