Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 11 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 11 Page - ams AG

Back Button AS1345 Datasheet HTML 7Page - ams AG AS1345 Datasheet HTML 8Page - ams AG AS1345 Datasheet HTML 9Page - ams AG AS1345 Datasheet HTML 10Page - ams AG AS1345 Datasheet HTML 11Page - ams AG AS1345 Datasheet HTML 12Page - ams AG AS1345 Datasheet HTML 13Page - ams AG AS1345 Datasheet HTML 14Page - ams AG AS1345 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 11
Ty pical Operating Chara c t e ristics
Figure 12:
Efficiency vs. VIN; ILOAD = 5mA, ILIMIT = 100mA
Figure 13:
Efficiency vs. VIN; ILOAD = 5mA/20mA, ILIMIT = 500mA
0
10
20
30
40
50
60
70
80
90
100
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5
Input Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5
Input Voltage (V)
Iout = 5mA
Iout = 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com