Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 6 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 6 Page - ams AG

Back Button AS1345 Datasheet HTML 2Page - ams AG AS1345 Datasheet HTML 3Page - ams AG AS1345 Datasheet HTML 4Page - ams AG AS1345 Datasheet HTML 5Page - ams AG AS1345 Datasheet HTML 6Page - ams AG AS1345 Datasheet HTML 7Page - ams AG AS1345 Datasheet HTML 8Page - ams AG AS1345 Datasheet HTML 9Page - ams AG AS1345 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AS1345 – 6
ams Datasheet, Confidential: 2013-Nov [1-51]
Abs o lute M a ximum R a ting s
Stresses beyond those listed in the table below may cause
permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other
conditions beyond those indicated in “Electrical
Characteristics” on page 7 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 6:
Absolute Maximum Ratings
Note: The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC
J-STD-020“Moisture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices”.
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD, SWIN, SWOUT to GND
-0.3
7
V
LX, FB to GND
-0.3
20
V
Input Current (latch-up
immunity)
-100
100
mA
Norm: JEDEC 78
SWIN to SWOUT Current Limit
1
A
Electrostatic Discharge
Electrostatic Discharge HBM
±2
kV
Norm: MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Junction temperature
+110
ºC
Storage temperature range
-55
+125
ºC
for WL-CSP
-55
+150
ºC
for TDFN
Package thermal
data
WL-CSP
60
ºC/W
Junction-to-ambient thermal resistance is very
dependent on application and board-layout. In
situations where high maximum power
dissipation exists, special attention must be
paid to thermal dissipation during board
design.
TDFN
97
Package body
temperature
WL-CSP
+260
ºC
Norm IPC/JEDEC J-STD-020
TDFN
Norm IPC/JEDEC J-STD-020
Humidity non-condensing
5
85
%
Moisture sensitive level
1
Represents a maximum floor life time of 168h
for TDFN
1
Represents a maximum floor life time of
unlimited for WL-CSP
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com