Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 3 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 3 Page - ams AG

  AS1345 Datasheet HTML 1Page - ams AG AS1345 Datasheet HTML 2Page - ams AG AS1345 Datasheet HTML 3Page - ams AG AS1345 Datasheet HTML 4Page - ams AG AS1345 Datasheet HTML 5Page - ams AG AS1345 Datasheet HTML 6Page - ams AG AS1345 Datasheet HTML 7Page - ams AG AS1345 Datasheet HTML 8Page - ams AG AS1345 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 3
General Des c ripti o n
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 3:
AS1345 Block Diagram
Driver
&
Control
Logic
Die
Temperature
Monitor
SWIN
EN
VDD
LX
SWOUT
GND
ILIM
+
+
1.25V
AS1345
10uH
D1
10uF
1.125V
+
POK
10uF
1uF to 10uF
POK
+
-
VDD = 2.9V to 5.0V
FB
VDD
Vout = 5.0V to 18V
100k
Driver
&
Control
Logic
Die
Temperature
Monitor
SWIN
EN
VDD
LX
SWOUT
GND
ILIM
+
+
1.25V
AS1345
10uH
D1
10uF
1.125V
+
POK
10uF
1uF to 10uF
POK
+
-
VDD = 2.9V to 5.0V
FB
VDD
Vout = 5.0V to 18V
47pF
R2
R3
100k
Fixed Output Voltage
Adjustable Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com