Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 16 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 16 Page - ams AG

Back Button AS1345 Datasheet HTML 12Page - ams AG AS1345 Datasheet HTML 13Page - ams AG AS1345 Datasheet HTML 14Page - ams AG AS1345 Datasheet HTML 15Page - ams AG AS1345 Datasheet HTML 16Page - ams AG AS1345 Datasheet HTML 17Page - ams AG AS1345 Datasheet HTML 18Page - ams AG AS1345 Datasheet HTML 19Page - ams AG AS1345 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AS1345 – 16
ams Datasheet, Confidential: 2013-Nov [1-51]
De tail ed De sc rip t ion
For improved regulation speed and lower ripple C3 should be
applied. For best ripple performance always the adjustable
variant of the AS1345 together with C3 should be used. Other
measures to reduce the ripple could be to select a low peak
current IPEAK and increase C4 and to decrease the value of L.
Figure 18:
AS1345 with Adjustable Output Voltage, with Output Disconnect
Figure 19:
AS1345 with Adjustable Output Voltage, without Output Disconnect
AS1345
SWIN
SWOUT
VDD
POK
EN
GND
FB
LX
10uH to 22uH
10uF
10uF
100k
VDD = 2.9V to 5.0V
47pF
R2
R3
1uF to 10uF
OFF
ON
Vout = 5.0V to 18V
AS1345
SWIN
SWOUT
VDD
POK
EN
GND
FB
LX
10uH to 22uH
10uF
100k
VDD = 2.9V to 5.0V
47pF
R2
R3
1uF to 10uF
OFF
ON
Vout = 5.0V to 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com