Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345 Datasheet(PDF) 20 Page - ams AG

Part # AS1345
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345 Datasheet(HTML) 20 Page - ams AG

Back Button AS1345 Datasheet HTML 16Page - ams AG AS1345 Datasheet HTML 17Page - ams AG AS1345 Datasheet HTML 18Page - ams AG AS1345 Datasheet HTML 19Page - ams AG AS1345 Datasheet HTML 20Page - ams AG AS1345 Datasheet HTML 21Page - ams AG AS1345 Datasheet HTML 22Page - ams AG AS1345 Datasheet HTML 23Page - ams AG AS1345 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AS1345 – 20
ams Datasheet, Confidential: 2013-Nov [1-51]
De tail ed De sc rip t ion
Capacitor Selection
The convertor requires three capacitors. Ceramic X5R or X7R
types will minimize ESL and ESR while maintaining capacitance
at rated voltage over temperature. The VIN capacitor should be
10μF. The VOUT capacitor should be between 1μF and 10μF. A
larger output capacitor should be used if lower peak to peak
output voltage ripple is desired. A larger output capacitor will
also improve load regulation on VOUT. See table below for a list
of capacitors for input and output capacitor selection.
Figure 23:
Recommended Capacitors
Part Number
Value
Voltage
TC Code
Size (ins)
Supplier
GRM31CR71E106KA12L
10μF
25V
X7
1206
Murata
Manufacturing
Company
www.murata.com
GRM31CR71C106KAC7L
10μF
16V
X7
1206
GRM31CR71A106KA01L
10μF
10V
X7
1206
GRM21BR70J106KE76L
10μF
6.3V
X7
0805
GRM31CR71E475KA88L
4.7μF
25V
X7
1206
GRM21BR71C475KA73L
4.7μF
16V
X7
0805
GRM188R71E105KA12D
1μF
25V
X7
0603
GRM188R71C105KA12D
1μF
16V
X7
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com