Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 7 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 7 Page - ams AG

Back Button AS5601 Datasheet HTML 3Page - ams AG AS5601 Datasheet HTML 4Page - ams AG AS5601 Datasheet HTML 5Page - ams AG AS5601 Datasheet HTML 6Page - ams AG AS5601 Datasheet HTML 7Page - ams AG AS5601 Datasheet HTML 8Page - ams AG AS5601 Datasheet HTML 9Page - ams AG AS5601 Datasheet HTML 10Page - ams AG AS5601 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
ams Datasheet
Page 7
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Electrical Characteristics
Magnetic Characteristics
Figure 9:
Magnetic Characteristics
System Characteristics
Figure 10:
System Characteristics
Note(s) and/or Footnote(s):
1. An infinite fast change <180deg results in angle output with maximum configured update frequency.
2. An infinite fast change >= 180deg results in angle output to the shortest next absolute position with maximum configured update
frequency. e.g. A change from 0 to 270deg will be indicated as angle output from 0 to -90deg.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Bz
Orthogonal magnetic field
strength, regular output
noise ON_SLOW and
ON_FAST
Required orthogonal component
of the magnetic field strength
measured at the die's surface
along a circle of 1 mm
30
60
90
mT
Bz_ERROR
Minimum required
orthogonal magnetic field
strength, magnet
detection level
8mT
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Core Resolution
12
bit
RES_AB
A/B output resolution
8
2048
positions
VMAX_AB
Maximum rotation
speed for
incremental output
Continuous Rotation ≥ 360deg (1), (2)
456
rpm
INL_BL
System INL
Deviation from best line fit; 360°
maximum angle, no magnet
displacement, no
zero-programming performed
±1
degree
ON_SLOW
RMS output noise
(1 sigma)
Orthogonal component for the
magnetic field within the specified
range Bz, after 2.2 ms; SF = 00
0.015
degree
ON_FAST
RMS output noise
(1 sigma)
Orthogonal component for the
magnetic field within the specified
range Bz, after 286 μs; SF = 11
0.043
degree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com