Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 10 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 10 Page - ams AG

Back Button AS5601 Datasheet HTML 6Page - ams AG AS5601 Datasheet HTML 7Page - ams AG AS5601 Datasheet HTML 8Page - ams AG AS5601 Datasheet HTML 9Page - ams AG AS5601 Datasheet HTML 10Page - ams AG AS5601 Datasheet HTML 11Page - ams AG AS5601 Datasheet HTML 12Page - ams AG AS5601 Datasheet HTML 13Page - ams AG AS5601 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS5601 − Detailed Description
I²C Interface
The AS5601 supports the 2-wire Fast-mode Plus I²C-slave
protocol in device mode, in compliance with the NXP
Semiconductors (formerly Philips Semiconductors)
specification UM10204. A device that sends data onto the bus
is a transmitter and a device receiving data is a receiver. The
device that controls the message is called a master. The devices
that are controlled by the master are called slaves. A master
device generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions that control the
bus. The AS5601 always operates as a slave on the I²C bus.
Connections to the bus are made through the open-drain I/O
lines SDA and the input SCL. Clock stretching is not included.
The host MCU (master) initiates data transfers. The 7-bit slave
address of the AS5601 is 0x36 (0110110 in binary).
• Supported Modes
• Random/Sequential read
•Byte/Page write
• Automatic increment (ANGLE register)
• Standard-mode
•Fast-mode
•Fast–mode Plus
The SDA signal is the bidirectional data line. The SCL signal is
the clock generated by the I²C bus master to synchronize
sampling data from SDA. The maximum SCL frequency is 1 MHz.
Data is sampled on the rising edge of SCL.
I²C Interface Operation
Figure 12:
I²C Electrical Specifications
SDA
SCL
Start
Stop
tbuf
tLOW
tR
tHD.STA
tHIGH
tF
tSU.DAT
tSU.STA
tHD.STA
tSU.STO
Repeated
Start
tHD.DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com