Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 33 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 33 Page - ams AG

Back Button AS5601 Datasheet HTML 29Page - ams AG AS5601 Datasheet HTML 30Page - ams AG AS5601 Datasheet HTML 31Page - ams AG AS5601 Datasheet HTML 32Page - ams AG AS5601 Datasheet HTML 33Page - ams AG AS5601 Datasheet HTML 34Page - ams AG AS5601 Datasheet HTML 35Page - ams AG AS5601 Datasheet HTML 36Page - ams AG AS5601 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
ams Datasheet
Page 33
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Application Information
Magnet Requirements
The AS5601 requires a minimum magnetic field component Bz
perpendicular to the sensitive area on the chip. The center of
the sensitive area is in the center of the package.
Along the circumference of the Hall element circle the magnetic
field Bz should be sine-shaped. The magnetic field gradient of
Bz along the radius of the circle should be in the linear range
of the magnet to eliminate displacement error by the
differential measurement principle.
Figure 35:
Magnetic Field Bz and Typical Airgap
The typical airgap is between 0.5 mm and 3 mm, and it depends
on the selected magnet. A larger and stronger magnet allows a
larger airgap. Using the AGC value as a guide, the optimal airgap
can be found by adjusting the distance between the magnet
and the AS5601 so that the AGC value is in the center of its
range. The maximum allowed displacement of the rotational
axis of the reference magnet from the center of the package is
0.25 mm when using a magnet with a diameter of 6mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com